Part Number Hot Search : 
ASL52D6 DS128 124N25 FR107 XC2385A BR102 4HCT04 XC2385A
Product Description
Full Text Search
 

To Download 2N2222A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2N2222A
Elektronische Bauelemente
RoHS Compliant Product A suffix of "-C" specifies halogen & lead-free
NPN Plastic Encapsulated Transistor
FEATURE
Complementary PNP type available 2N2907A
G H
TO-92
1 Emitter 2 Base 3 Collector
Collector
3
J A B
REF.
D
PACKAGING INFORMATION
Weight: 0.2056 g
2
Base
K
1
Emitter
E C F
A B C D E F G H J K
Millimeter Min. Max. 4.40 4.70 4.30 4.70 12.70 3.30 3.81 0.36 0.56 0.36 0.51 1.27 TYP. 1.10 2.42 2.66 0.36 0.76
ABSOLUTE MAXIMUM RATINGS (at TA = 25C unless otherwise specified)
Parameter
Collector to Base Voltage Collector to Emitter Voltage Emitter to Base Voltage Collector Current - Continuous Collector Power Dissipation Junction, Storage Temperature
Symbol
VCBO VCEO VEBO IC PC TJ, TSTG
Ratings
75 40 6 600 625 +150, -55 ~ +150
Unit
V V V mA mW
ELECTRICAL CHARACTERISTICS (at TA = 25C unless otherwise specified)
Parameter
Collector-Base Breakdown Voltage Collector-Emitter Breakdown Voltage Emitter-Base Breakdown Voltage Collector Cut-off Current Collector Cut-off Current Emitter Cut-off Current DC Current Gain
Symbol
V(BR)CBO V(BR)CEO V(BR)EBO ICBO ICEX IEBO hFE(1) hFE(2) hFE(3)* VCE(sat)(1) * VCE(sat)(2) * VBE(sat) * td tr ts tf fT
Min.
75 40 6 100 40 42 300
Typ.
-
Max.
10 10 100 300 0.6 0.3 1.2 10 25 225 60 -
Unit
V V V nA nA nA
Test Conditions
IC = 10uA, IE = 0 IC = 10mA, IB = 0 IE = 10uA, IC = 0 VCB = 60V, IE = 0 VCE = 60V, VEB(Off) = 3V VEB = 3V, IC = 0 VCE = 10V, IC = 150mA VCE = 10V, IC = 0.1mA VCE = 10V, IC = 500mA
Collector-Emitter Saturation Voltage Base-Emitter Saturation Voltage Delay Time Rise Time Storage Time Fall Time Transition Frequency
V V V nS nS nS nS MHz
IC = 500mA, IB = 50mA IC = 150mA, IB = 15mA IC = 500mA, IB = 50mA VCC = 30V, VEB(Off) = -0.5V, IC = 150mA, IB1 = 15mA VCC = 30V, Ic = 150mA, IB1 = IB2 = 15mA VCE = 20V, IC = 20mA, f = 100MHz * Pulse Test
CLASSIFICATION OF hFE(1)
Rank Range
01-June-2005 Rev. B L 100 - 200 H 200 - 300
Page 1 of 3
2N2222A
Elektronische Bauelemente NPN Plastic Encapsulated Transistor
CHARACTERISTIC CURVES
01-June-2005 Rev. B
Page 2 of 3
2N2222A
Elektronische Bauelemente NPN Plastic Encapsulated Transistor
CHARACTERISTIC CURVES
01-June-2005 Rev. B
Page 3 of 3


▲Up To Search▲   

 
Price & Availability of 2N2222A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X